PART |
Description |
Maker |
TX2-12V TX2SL-4.5V-Z-1 TX2SS-L2-1.5V-Z-1 TX2SL-L-3 |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.033A (COIL), 3VDC (COIL), 100mW (COIL), 1A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT High Capacity High Breakdown Voltage, 2 Form C, 2A 30VDC, PC Board Terminal Type, Gold Contact POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.031A (COIL), 4.5VDC (COIL), 140mW (COIL), 1A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.134A (COIL), 1.5VDC (COIL), 200mW (COIL), 1A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
Panasonic
|
FTR-LYAA005ENIL FTR-LYAA006VSK FTR-LYAA005VSK FTR- |
POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control) POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.034A (COIL), 5VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.007A (COIL), 24VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.028A (COIL), 6VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.019A (COIL), 9VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.009A (COIL), 18VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.004A (COIL), 48VDC (COIL), 217mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.003A (COIL), 60VDC (COIL), 175mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.014A (COIL), 12VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.009A (COIL), 18VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. FUJITSU Component., Ltd. Fujitsu Component Limit... FUJITSU COMPONENT LTD
|
R574.F82.600 |
RF COAXIAL RELAY, SP6T, LATCHED, 0.96A (COIL), 12VDC (COIL), 11520mW (COIL), 26500MHz, PANEL MOUNT
|
RADIALL S A
|
R570.032.035 |
RF COAXIAL RELAY, SPDT, LATCHED, 0.32A (COIL), 12VDC (COIL), 3840mW (COIL), 3000MHz, PANEL MOUNT
|
RADIALL S A
|
R565742129 |
RF COAXIAL RELAY, SPDT, LATCHED, 0.133A (COIL), 12VDC (COIL), 1596mW (COIL), 40000MHz, PANEL MOUNT
|
RADIALL S A
|
R570.063.100 |
RF COAXIAL RELAY, SPDT, LATCHED, 0.125A (COIL), 28VDC (COIL), 3500mW (COIL), 3000MHz, PANEL MOUNT
|
RADIALL S A
|
SM-2-B-D-TL |
RF COAXIAL RELAY, SP6T, FAILSAFE, 0.19A (COIL), 28VDC (COIL), 5320mW (COIL), 1000MHz, PANEL MOUNT
|
RLC ELECTRONICS INC
|
OMR-109H000 |
DRY REED RELAY, SPST, MOMENTARY, 0.013A (COIL), 9VDC (COIL), 116mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
IRC Advanced Film
|
TFK1632C48VDC |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.019A (COIL), 48VDC (COIL), 912mW (COIL), 5A (CONTACT), PANEL MOUNT
|
ALLIED CONTROLS INC
|
3SBC5134A1 |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.114A (COIL), 5VDC (COIL), 568mW (COIL), 2A (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
|
R570712000 |
RF COAXIAL RELAY, SPDT, FAILSAFE, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 26500MHz, 120W (RF INPUT), PANEL MOUNT
|
RADIALL S A
|
|